Part Number Hot Search : 
RT1P136U DECODER GS150404 IRFU014 VA4ASG 66BGC ALZ12B48 MAX14801
Product Description
Full Text Search
 

To Download P6KE200A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR
TECHNICAL DATA
Zener Transient Voltage Suppressors Undirectional and Bidirectional
The P6KE6.8A series is designed to protect voltage sensitive components from high voltage, high energy transients. They have excellent clamping capability, high surge capability, low zener impedance and fast response time. The P6KE6.8A series is supplied in Motorola's exclusive, cost-effective, highly reliable Surmetic axial leaded package and is ideally-suited for use in communication systems, numerical controls, process controls, medical equipment, business machines, power supplies and many other industrial/ consumer applications. Specification Features: * Standard Zener Voltage Range -- 6.8 to 200 Volts * Peak Power -- 600 Watts @ 1 ms * Maximum Clamp Voltage @ Peak Pulse Current * Low Leakage < 5 A Above 10 Volts * Maximum Temperature Coefficient Specified * UL Recognition * Response Time is Typically < 1 ns Mechanical Characteristics: CASE: Void-free, transfer-molded, thermosetting plastic FINISH: All external surfaces are corrosion resistant and leads are readily solderable POLARITY: Cathode indicated by polarity band. When operated in zener mode, will be positive with respect to anode MOUNTING POSITION: Any WAFER FAB LOCATION: Phoenix, Arizona ASSEMBLY/TEST LOCATION: Seoul, Korea MAXIMUM RATINGS
Rating Peak Power Dissipation (1) @ TL 25C Steady State Power Dissipation @ TL 75C, Lead Length = 3/8 Derated above TL = 75C Forward Surge Current (2) @ TA = 25C Operating and Storage Temperature Range
Lead Temperature not less than 1/16 from the case for 10 seconds: 230C NOTES: 1. Nonrepetitive current pulse per Figure 4 and derated above TA = 25C per Figure 2. NOTES: 2. 1/2 sine wave (or equivalent square wave), PW = 8.3 ms, duty cycle = 4 pulses per minute maximum.
P6KE6.8A through P6KE200A
ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS 6.8-200 VOLT 600 WATT PEAK POWER 5 WATTS STEADY STATE
CASE 17, Style 1 PLASTIC
Symbol PPK PD
Value 600 5 50
Unit Watts Watts mW/C Amps C
IFSM TJ, Tstg
100 - 65 to +175
600 Watt Peak Power Data Sheet 4-7
Motorola TVS/Zener Device Data
P6KE6.8A through P6KE200A
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted) VF = 3.5 V Max, IF** = 50 A
(except bidirectional devices). Breakdown Voltage* VBR (Volts) Device Min 6.45 7.13 7.79 8.65 9.5 10.5 11.4 12.4 Nom 6.8 7.5 8.2 9.1 10 11 12 13 Max 7.14 7.88 8.61 9.55 10.5 11.6 12.6 13.7 Working Peak Reverse Voltage VRWM (Volts) 5.8 6.4 7.02 7.78 8.55 9.4 10.2 11.1 Maximum Reverse Leakage @ VRWM IR (A) 1000 500 200 50 10 5 5 5 Maximum Reverse Surge Current IRSM{ (Amps) 57 53 50 45 41 38 36 33 Maximum Reverse Voltage @ IRSM (Clamping Voltage) VRSM (Volts) 10.5 11.3 12.1 13.4 14.5 15.6 16.7 18.2 Maximum Temperature Coefficient of VBR (%/C) 0.057 0.061 0.065 0.068 0.073 0.075 0.078 0.081
@ IT (mA) 10 10 10 1 1 1 1 1
P6KE6.8A P6KE7.5A P6KE8.2A P6KE9.1A
P6KE10A P6KE11A P6KE12A P6KE13A
P6KE15A P6KE16A P6KE18A P6KE20A
P6KE22A P6KE24A P6KE27A P6KE30A P6KE33A P6KE36A P6KE39A P6KE43A P6KE47A P6KE51A P6KE56A P6KE62A P6KE68A P6KE75A P6KE82A P6KE91A P6KE100A P6KE110A P6KE120A P6KE130A P6KE150A P6KE160A P6KE170A P6KE180A P6KE200A
14.3 15.2 17.1 19
20.9 22.8 25.7 28.5 31.4 34.2 37.1 40.9 44.7 48.5 53.2 58.9 64.6 71.3 77.9 86.5 95 105 114 124 143 152 162 171 190
15 16 18 20
22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 110 120 130 150 160 170 180 200
15.8 16.8 18.9 21
23.1 25.2 28.4 31.5 34.7 37.8 41 45.2 49.4 53.6 58.8 65.1 71.4 78.8 86.1 95.5 105 116 126 137 158 168 179 189 210
1 1 1 1
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
12.8 13.6 15.3 17.1
18.8 20.5 23.1 25.6 28.2 30.8 33.3 36.8 40.2 43.6 47.8 53 58.1 64.1 70.1 77.8 85.5 94 102 111 128 136 145 154 171
5 5 5 5
5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
28 27 24 22
20 18 16 14.4 13.2 12 11.2 10.1 9.3 8.6 7.8 7.1 6.5 5.8 5.3 4.8 4.4 4 3.6 3.3 2.9 2.7 2.6 2.4 2.2
21.2 22.5 25.2 27.7
30.6 33.2 37.5 41.4 45.7 49.9 53.9 59.3 64.8 70.1 77 85 92 103 113 125 137 152 165 179 207 219 234 246 274
0.084 0.086 0.088 0.09
0.092 0.094 0.096 0.097 0.098 0.099 0.1 0.101 0.101 0.102 0.103 0.104 0.104 0.105 0.105 0.106 0.106 0.107 0.107 0.107 0.108 0.108 0.108 0.108 0.108
*** VBR measured after IT applied for 300 s, IT = square wave pulse or equivalent. *** 1/2 sine wave (or equivalent square wave), PW = 8.3 ms, duty cycle = 4 pulses per minute maximum. { Surge current waveform per Figure 4 and derate per Figure 2.*
FOR BIDIRECTIONAL APPLICATIONS -- USE CA SUFFIX for P6KE6.8CA through P6KE200CA. Electrical characteristics apply in both directions.
Preferred Bidirectional Devices -- P6KE7.5CA P6KE11CA P6KE22CA P6KE27CA
P6KE20CA P6KE30CA
600 Watt Peak Power Data Sheet 4-8
Motorola TVS/Zener Device Data
P6KE6.8A through P6KE200A
100 NONREPETITIVE PULSE WAVEFORM SHOWN IN FIGURE 4 PP, PEAK POWER (kW) 10 PEAK PULSE DERATING IN % OF PEAK POWER OR CURRENT @ TA= 25C 10 ms
100 80 60 40 20 0 0 25 50 75 100 125 150 175 200
1
0.1 0.1 s
1 s
10 s
100 s
1 ms
tP, PULSE WIDTH
TA, AMBIENT TEMPERATURE (C)
Figure 1. Pulse Rating Curve
Figure 2. Pulse Derating Curve
PULSE WIDTH (tp) IS DEFINED AS THAT POINT WHERE THE PEAK CURRENT DECAYS TO 50% OF IRSM. tr 10 s IRSM 2
tr 10,000 C, CAPACITANCE (pF) 100 VALUE (%) MEASURED @ ZERO BIAS 1000 PEAK VALUE -- IRSM
HALF VALUE - 50
100
MEASURED @ STAND-OFF VOLTAGE (VR) 0.1 1 10 100 VBR, BREAKDOWN VOLTAGE (VOLTS) 1000 0 0
tP
10
1
2 3 t, TIME (ms)
4
Figure 3. Capacitance versus Breakdown Voltage
Figure 4. Pulse Waveform
PD , STEADY STATE POWER DISSIPATION (WATTS)
3/8 DERATING FACTOR 5 4 3 2 1 0 0 25 50 75 100 125 150 175 TL, LEAD TEMPERATURE (C) 200 3/8
1 0.7 0.5 0.3 0.2 0.1 0.07 0.05 0.03 0.02 10 s 0.01 0.1 0.2 0.5 1 2 5 10 D, DUTY CYCLE (%) 20 50 100 PULSE WIDTH 10 ms
1 ms 100 s
Figure 5. Steady State Power Derating
Figure 6. Typical Derating Factor for Duty Cycle
Devices listed in bold, italic are Motorola preferred devices.
Motorola TVS/Zener Device Data
600 Watt Peak Power Data Sheet 4-9
P6KE6.8A through P6KE200A
APPLICATION NOTES
RESPONSE TIME In most applications, the transient suppressor device is placed in parallel with the equipment or component to be protected. In this situation, there is a time delay associated with the capacitance of the device and an overshoot condition associated with the inductance of the device and the inductance of the connection method. The capacitance effect is of minor importance in the parallel protection scheme because it only produces a time delay in the transition from the operating voltage to the clamp voltage as shown in Figure A. The inductive effects in the device are due to actual turn-on time (time required for the device to go from zero current to full current) and lead inductance. This inductive effect produces an overshoot in the voltage across the equipment or component being protected as shown in Figure B. Minimizing this overshoot is very important in the application, since the main purpose for adding a transient suppressor is to clamp voltage spikes. The P6KE6.8A series has very good response time, typically < 1 ns and negligible inductance. However, external inductive effects could produce unacceptable overshoot. Proper circuit layout, minimum lead lengths and placing the suppressor device as close as possible to the equipment or components to be protected will minimize this overshoot. Some input impedance represented by Zin is essential to prevent overstress of the protection device. This impedance should be as high as possible, without restricting the circuit operation. DUTY CYCLE DERATING The data of Figure 1 applies for non-repetitive conditions and at a lead temperature of 25C. If the duty cycle increases, the peak power must be reduced as indicated by the curves of Figure 6. Average power must be derated as the lead or ambient temperature rises above 25C. The average power derating curve normally given on data sheets may be normalized and used for this purpose. At first glance the derating curves of Figure 6 appear to be in error as the 10 ms pulse has a higher derating factor than the 10 s pulse. However, when the derating factor for a given pulse of Figure 6 is multiplied by the peak power value of Figure 1 for the same pulse, the results follow the expected trend.
TYPICAL PROTECTION CIRCUIT
Zin
Vin
LOAD
VL
V
Vin (TRANSIENT) VL
V
OVERSHOOT DUE TO INDUCTIVE EFFECTS
Vin (TRANSIENT) VL
Vin td
tD = TIME DELAY DUE TO CAPACITIVE EFFECT t
t
Figure 7.
Figure 8.
600 Watt Peak Power Data Sheet 4-10
Motorola TVS/Zener Device Data
P6KE6.8A through P6KE200A
UL RECOGNITION
The entire series including the bidirectional CA suffix has Underwriters Laboratory Recognition for the classification of protectors (QVGV2) under the UL standard for safety 497B and File #E 116110. Many competitors only have one or two devices recognized or have recognition in a non-protective category. Some competitors have no recognition at all. With the UL497B recognition, our parts successfully passed several tests including Strike Voltage Breakdown test, Endurance Conditioning, Temperature test, Dielectric Voltage-Withstand test, Discharge test and several more. Whereas, some competitors have only passed a flammability test for the package material, we have been recognized for much more to be included in their protector category.
Devices listed in bold, italic are Motorola preferred devices.
Motorola TVS/Zener Device Data
600 Watt Peak Power Data Sheet 4-11
P6KE6.8A through P6KE200A
Transient Voltage Suppressors -- Axial Leaded
600 Watt Peak Power
B D K
2
NOTE: 1. LEAD DIAMETER & FINISH NOT CONTROLLED WITHIN DIM F. INCHES MIN MAX 0.330 0.350 0.130 0.145 0.037 0.043 -- 0.050 1.000 1.250 MILLIMETERS MIN MAX 8.38 8.89 3.30 3.68 0.94 1.09 -- 1.27 25.40 31.75
F
A
1
DIM A B D F K
F K
STYLE 1: PIN 1. ANODE 2. CATHODE
CASE 17-02 PLASTIC
(Refer to Section 10 for Surface Mount, Thermal Data and Footprint Information.)
MULTIPLE PACKAGE QUANTITY (MPQ) REQUIREMENTS
Package Option Tape and Reel Tape and Ammo Type No. Suffix RL TA MPQ (Units) 4K 2K
(Refer to Section 10 for more information on Packaging Specifications.)
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters can and do vary in different applications. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
600 Watt Peak Power Data Sheet 4-12
Motorola TVS/Zener Device Data
P6KE6.8A through P6KE200A
Literature Distribution Centers: USA: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. EUROPE: Motorola Ltd.; European Literature Centre; 88 Tanners Drive, Blakelands, Milton Keynes, MK14 5BP, England. JAPAN: Nippon Motorola Ltd.; 4-32-1, Nishi-Gotanda, Shinagawa-ku, Tokyo 141, Japan. ASIA PACIFIC: Motorola Semiconductors H.K. Ltd.; Silicon Harbour Center, No. 2 Dai King Street, Tai Po Industrial Estate, Tai Po, N.T., Hong Kong.
Devices listed in bold, italic are Motorola preferred devices.
Motorola TVS/Zener Device Data
600 Watt Peak Power Data Sheet 4-13


▲Up To Search▲   

 
Price & Availability of P6KE200A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X